Part Number Hot Search : 
S2907A STF92 2228M D16801 STE471Y 82P33814 CFRC305 21000
Product Description
Full Text Search
 

To Download AISC-0805L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-0805, 0805L, 0805F, 0805FL SERIES
FEATURES: * Construction: Ceramic or Ferrite * Excellent SRF * High Frequency Design * Excellent Q values STANDARD SPECIFICATIONS:
Part Number* AISC-0805(L) R0022M R0027M R0033M R0047M R0056M R0068M R0082M R010M R012M R015M R018M R022M R027M R033K R039K R047K R056K R068K R082K R10K R12K R15K R18K R22K R27K R33K R39K R47K R56K R62K R68K R75K R82K R91K 1R0K L (nH) 2.2 2.7 3.3 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 620 680 750 820 910 1000 Q L. Test Q Test SRF Freq Freq Min Min (MHz) (MHz) (MHz) 40 40 30 60 50 50 50 50 50 50 50 55 60 60 60 60 60 60 60 60 50 50 50 45 40 40 35 33 23 23 23 23 23 22 20 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 200 200 200 150 150 150 100 100 100 100 100 100 50 25 25 25 25 25 25 25 1500 1500 1500 1500 1000 1000 1000 500 500 500 500 500 500 500 500 500 500 500 500 500 250 250 250 250 250 250 250 100 50 50 50 50 50 50 50 >8000 >8000 >8000 >6000 5500 5000 4800 4500 4100 2900 3300 2600 2500 2200 2100 1750 1650 1500 1400 1200 1200 1000 950 850 680 660 560 430 350 330 300 280 250 230 200 RDC Max ( ) 0.10 0.05 0.08 0.04 0.10 0.14 0.19 0.14 0.15 0.17 0.20 0.22 0.25 0.27 0.29 0.31 0.32 0.38 0.42 0.46 0.51 0.56 0.64 0.70 1.00 1.40 1.50 1.72 1.90 1.95 2.05 2.10 2.30 2.40 2.50 RDC Max ( ) 0.50 0.60 0.66 0.72 0.81 0.86 0.92 0.98 1.08 1.13 1.73 2.15 2.40 2.75 2.95 IDC Max (mA) 600 600 600 600 600 600 600 600 600 600 600 500 500 500 500 500 500 500 400 400 400 400 400 400 350 310 290 250 230 200 190 180 180 160 150 IDC Max (mA) 420 400 350 300 280 250 240 240 250 220 200 180 130 120 100
OPTIONS: * Tape & Reel is standard * Add L for no Cap, F for Ferrite Base * Add G for Gold Plated Terminal * Add S for Solder Plated Terminal
APPLICATIONS: * Wireless Communications Equipment * Networking System * Computer Products and Peripherals
|||||||||||||||
PHYSICAL CHARACTERISTICS:
Standard Dimension: With Cap
L Dimension: Without Cap
Dimension: inch/mm
Part L (nH) Number* AISC-0805F(L) R27K R33K R39K R47K R56K R68K R82K R91K 1R0K 1R2K 1R5K 1R8K 2R2K 2R7K 3R3K
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
rev2.1-4/06
Q L. Test Q Test SRF Freq Freq Min Min (MHz) (MHz) (MHz) 30 35 35 35 35 30 30 28 26 26 25 23 22 10 10 100 100 100 100 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 100 100 100 100 100 100 100 100 25 25 25 25 25 7.9 7.9 850 630 580 530 520 360 300 280 260 210 200 160 150 220 190
270 330 390 470 560 680 820 910 1000 1200 1500 1800 2200 2700 3300
TECHNICAL INFORMATION:
* Ordering Code: AISC-O805(F)(L)-XXX(Value) -(S)(J)(K)-(G)(S)(T) * F = ferrite base, L = without cap * (G)(S)(T): G=Gold Plated, S=Solder Plated, T= Tape and Reel * Tolerance: S=0.3nH, G=2%, J=5%, K=10% * Check SCD for detail available tolerance * Letter suffix indicates standard tolerance * Operating Temperature: -40C to +125C Note: All specifications subject to change without notice.
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of AISC-0805L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X